| データシートサーチシステム |
|
MCP6401RT-E/SN データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6401RT-E/SN データシート(HTML) 6 Page - Microchip Technology |
|
6 / 28 page ![]() MCP6401/1R/1U DS22229A-page 6 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF. FIGURE 2-7: Input Noise Voltage Density vs. Frequency. FIGURE 2-8: Input Noise Voltage Density vs. Common Mode Input Voltage. FIGURE 2-9: CMRR, PSRR vs. Frequency. FIGURE 2-10: CMRR, PSRR vs. Ambient Temperature. FIGURE 2-11: Common Mode Input Voltage Range Limits vs. Ambient Temperature. FIGURE 2-12: Input Bias, Offset Current vs. Ambient Temperature. 10 100 1,000 0.1 1 10 100 1000 10000 100000 Frequency (Hz) 0.1 1 10 100 1k 10k 100k 0 5 10 15 20 25 30 35 40 Common Mode Input Voltage (V) f = 1 kHz VDD = 6.0 V 20 30 40 50 60 70 80 90 100 10 100 1000 10000 100000 1000000 Frequency (Hz) 10 100 1k 10k 100k 1M CMRR PSRR+ PSRR- Representative Part 50 55 60 65 70 75 80 85 90 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) PSRR (VDD = 1.8V to 6.0V, VCM = VSS) CMRR (VDD = 6.0V, VCM = -0.3V to 6.3V) CMRR (VDD = 1.8V, VCM = -0.2V to 2.0V) -0.35 -0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) VCMR_L - VSS @ VDD = 1.8V VCMR_L - VSS @ VDD = 6.0V VCMR_H - VDD @ VDD = 6.0V VCMR_H - VDD @ VDD = 1.8V 1 10 100 1000 10000 25 35 45 55 65 75 85 95 105 115 125 Ambient Temperature (°C) Input Bias Current Input Offset Current VDD = 6.0V |