| データシートサーチシステム |
|
MCP6401RT-E/SN データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6401RT-E/SN データシート(HTML) 8 Page - Microchip Technology |
|
8 / 28 page ![]() MCP6401/1R/1U DS22229A-page 8 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF. FIGURE 2-19: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature. FIGURE 2-20: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature. FIGURE 2-21: Output Short Circuit Current vs. Power Supply Voltage. FIGURE 2-22: Output Voltage Swing vs. Frequency. FIGURE 2-23: Output Voltage Headroom vs. Output Current. FIGURE 2-24: Output Voltage Headroom vs. Ambient Temperature. 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 45 50 55 60 65 70 75 80 85 90 Gain Bandwidth Product Phase Margin VDD = 6.0V 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 45 50 55 60 65 70 75 80 85 90 Gain Bandwidth Product Phase Margin VDD = 1.8V 0 5 10 15 20 25 30 Power Supply Voltage (V) TA = -40°C TA = +25°C TA = +85°C TA = +125°C 0.1 1 10 100 1000 10000 100000 1000000 Frequency (Hz) VDD = 1.8V VDD = 6.0V 100 1k 10k 100k 1M 0.1 1 10 100 1000 10 100 1000 10000 Output Current (mA) 0.01 0.1 1 10 VDD - VOH @ VDD = 1.8V VOL - VSS @ VDD = 1.8V VDD - VOH @ VDD = 6.0V VOL - VSS @ VDD = 6.0V RL = 10 kΩ 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 -50 -25 0 255075 100 125 Ambient Temperature (°C) VDD - VOH @ VDD = 1.8V VOL - VSS @ VDD = 1.8V VDD - VOH @ VDD = 6.0V VOL - VSS@ VDD = 6.0V |