| データシートサーチシステム |
|
AS1106PL データシート(PDF) 11 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1106PL データシート(HTML) 11 Page - ams AG |
|
11 / 20 page ![]() www.austriamicrosystems.com Revision 2.24 11 - 20 AS1106, AS1107 Data Sheet - Deta iled Description Display-Test Register (0xXF) The AS1106/AS1107 devices can operate in two modes: normal mode and display test mode. In display test mode all LEDs are switched on at maximum brightness (duty cycle is 15/16 (AS1106) or 31/32 (AS1107). The devices remain in display-test mode until the Display-Test Register is set for normal operation. Note: All settings of the digit- and control-registers are maintained. 5 X 01 01 10 11011 6 X 01 10 10 11111 7 X 01 11 11 10000 8 X 10 00 11 11111 9 X 10 01 11 11011 - X 10 10 00 00001 E X 10 11 10 01111 H X 11 00 01 10111 L X 11 01 00 01110 P X 11 10 11 00111 Blank X 1 1 1 1 0 0 00000 † The decimal point is enabled by setting bit D7 = 1. Table 11. HEX Font 7-Segment Character Register Data On Segments = 1 D7 † D6:D4 D3 D2 D1 D0 DP † A B C D E F G 0 X 0 0 0 0 11111 10 1 X 0 0 0 1 01100 00 2 X 0 0 1 0 11011 01 3 X 0 0 1 1 11110 01 4 X 0 1 0 0 01100 11 5 X 0 1 0 1 10110 11 6 X 0 1 1 0 10111 11 7 X 0 1 1 1 11100 00 8 X 1 0 0 0 11111 11 9 X 1 0 0 1 11110 11 A X 1 0 1 0 11101 11 b X 1 0 1 1 00111 11 C X 1 1 0 0 10011 10 d X 1 1 0 1 01111 01 E X 1 1 1 0 10011 11 F X 1 1 1 1 10001 11 † The decimal point is enabled by setting bit D7 = 1. Table 12. No-Decode Mode Data Bits and Corresponding Segment Lines D7 D6 D5 D4 D3 D2 D1 D0 Corresponding Segment Line DP A B C D E F G Table 13. Display-Test Register Format (Address (HEX) = 0xXF)) Mode Register Data D7 D6 D5 D4 D3 D2 D1 D0 Normal Operation XXXXXXX 0 Display Test Mode XXXXXXX 1 Table 10. Code-B Font (Continued) 7-Segment Character Register Data On Segments = 1 D7 † D6:D4 D3 D2 D1 D0 DP † A B C D E F G |