| データシートサーチシステム |
|
AS1507 データシート(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1507 データシート(HTML) 13 Page - ams AG |
|
13 / 17 page ![]() www.austriamicrosystems.com Revision 1.00 13 - 17 AS1507 Data Sheet - A p p l i c a t i o n I n f o r m a t i o n 9 Application Information The AS1507 is intended for circuits requiring digitally controlled adjustable resistance, such as LCD contrast control (where voltage biasing adjusts the display contrast), or programmable filters with adjustable gain and/or cutoff fre- quency. Programmable Filter Figure 25 shows the configuration for a 1st-order programmable filter. The DC gain of the filter is adjusted by R2 and can be calculated as: G = 1 + (R1/R2)(EQ 1) The cutoff frequency (fC) is adjusted by R3, and can be calculated as: fC = 1/(2 π x R3 x C) (EQ 2) Figure 25. Programmable Filter Circuit Offset Voltage and Gain Adjustment Connect one potentiometer of the AS1507 to an op amp to nullify the offset voltage over the operating temperature range. Use the second potentiometer in the feedback path to adjust the gain of the op amp (Figure 26). Figure 26. Offset Voltage and Gain Adjustment Circuit + – VIN R3 R1 VOUT CIN AS1507 HIGHA LOWA R2 HIGHB WIPERB LOWB WIPERA 5V AS1507 + – HIGHA LOWA HIGHB WIPERB LOWB WIPERA |