データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1910Z-T データシート(PDF) 3 Page - ams AG

部品番号 AS1910Z-T
部品情報  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1910Z-T データシート(HTML) 3 Page - ams AG

  AS1910Z-T Datasheet HTML 1Page - ams AG AS1910Z-T Datasheet HTML 2Page - ams AG AS1910Z-T Datasheet HTML 3Page - ams AG AS1910Z-T Datasheet HTML 4Page - ams AG AS1910Z-T Datasheet HTML 5Page - ams AG AS1910Z-T Datasheet HTML 6Page - ams AG AS1910Z-T Datasheet HTML 7Page - ams AG AS1910Z-T Datasheet HTML 8Page - ams AG AS1910Z-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 15
AS1910 - AS1915
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 5 Electrical
Characteristics on page 3 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VCC, VCC2 to GND
-0.3
+5.0
V
Open-Drain RESETN
-0.3
+7.0
V
Push/Pull RESET, RESETN
-0.3
VCC +
0.3
V
MRN, WDI, RESETIN to GND
-0.3
VCC +
0.3
V
Input Current (VCC)20
mA
Output Current (RESET, RESETN)
20
mA
Continuous Power Dissipation
(TAMB = +70ºC)
696
mW
Derate 8.7mW/ºC above +70ºC
Operating Temperature Range
-40
+125
ºC
Junction Temperature
+150
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com