| データシートサーチシステム |
|
MCP6031-E/MS データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031-E/MS データシート(HTML) 3 Page - Microchip Technology |
|
3 / 34 page ![]() © 2008 Microchip Technology Inc. DS22041B-page 3 MCP6031/2/3/4 AC ELECTRICAL SPECIFICATIONS Output Maximum Output Voltage Swing VOL, VOH VSS + 10 — VDD – 10 mV RL = 50 kΩ to VL, 0.5V input overdrive Output Short-Circuit Current ISC —±5 — mA VDD = 1.8V —±23 — mA VDD = 5.5V Power Supply Supply Voltage VDD 1.8 — 5.5 V Quiescent Current per Amplifier IQ 0.4 0.9 1.35 µA IO = 0, VCM = VDD, VDD = 5.5V Electrical Characteristics: Unless otherwise indicated, T A = +25°C, VDD = +1.8 to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, CL = 60 pF, RL = 1 MΩ to VL and CS is tied low. (Refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions AC Response Gain Bandwidth Product GBWP — 10 — kHz Phase Margin PM — 65 — ° G = +1 V/V Slew Rate SR — 4.0 — V/ms Noise Input Noise Voltage Eni — 3.9 — µVp-p f = 0.1 Hz to 10 Hz Input Noise Voltage Density eni —165 — nV/ √Hz f = 1 kHz Input Noise Current Density ini —0.6 — fA/ √Hz f = 1 kHz DC ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Characteristics: Unless otherwise indicated, V DD = +1.8V to +5.5V, VSS=GND, TA= +25°C, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 1 MΩ to VL and CS is tied low. (Refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions |