| データシートサーチシステム |
|
MCP6031-E/MS データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031-E/MS データシート(HTML) 10 Page - Microchip Technology |
|
10 / 34 page ![]() MCP6031/2/3/4 DS22041B-page 10 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 1 MΩ to VL, CL = 60 pF and CS is tied low. FIGURE 2-25: Output Voltage Headroom vs. Output Current. FIGURE 2-26: Output Voltage Headroom vs. Ambient Temperature. FIGURE 2-27: Slew Rate vs. Ambient Temperature. FIGURE 2-28: Small Signal Non-Inverting Pulse Response. FIGURE 2-29: Small Signal Inverting Pulse Response. FIGURE 2-30: Large Signal Non-Inverting Pulse Response. 1 10 100 1000 Output Current (A) VDD - VOH @ VDD = 1.8V VOL - VSS @ VDD = 1.8V VDD - VOH @ VDD = 5.5V VOL - VSS @ VDD = 5.5V 10μ 1m 10m 100µ 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) VDD = 5.5V RL = 50 kΩ VSS - VOL VDD - VOH 1.0 2.0 3.0 4.0 5.0 6.0 7.0 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) Falling Edge, VDD = 5.5V Falling Edge, VDD = 1.8V Rising Edge, VDD = 5.5V Rising Edge, VDD = 1.8V Time (100 μs/Div) VDD = 5.5V G = +1 V/V VDD = 5.5V G = -1 V/V Time (100 μs/Div) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Time (0.5 ms/div) VDD = 5.5V G = +1 V/V |