| データシートサーチシステム |
|
TS2GCF133 データシート(PDF) 29 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GCF133 データシート(HTML) 29 Page - Transcend Information. Inc. |
|
29 / 81 page ![]() T T TS S S1 1 1G G G~ ~ ~3 3 32 2 2G G GC C CF F F1 1 13 3 33 3 3 133X CompactFlash Card Transcend Information Inc. 29 Notes: 1) All timing measurement switching points (low to high and high to low) shall be taken at 1.5 V. 2) All signal transitions for a timing parameter shall be measured at the connector specified in the measurement location column. For example, in the case of tRFS, both STROBE and –DMARDY transitions are measured at the sender connector. 3) The parameter tCYC shall be measured at the recipient’s connector farthest from the sender. 4)The parameter tLI shall be measured at the connector of the sender or recipient that is responding to an incoming transition from the recipient or sender respectively. Both the incoming signal and the outgoing response shall be measured at the same connector. 5)The parameter tAZ shall be measured at the connector of the sender or recipient that is driving the bus but must release the bus the allow for a bus turnaround. |