| データシートサーチシステム |
|
TS2GCF133 データシート(PDF) 33 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GCF133 データシート(HTML) 33 Page - Transcend Information. Inc. |
|
33 / 81 page ![]() T T TS S S1 1 1G G G~ ~ ~3 3 32 2 2G G GC C CF F F1 1 13 3 33 3 3 133X CompactFlash Card Transcend Information Inc. 33 Card Configuration The CompactFlash Storage Cards is identified by appropriate information in the Card Information Structure (CIS). The following configuration registers are used to coordinate the I/O spaces and the Interrupt level of cards that are located in the system. In addition, these registers provide a method for accessing status information about the CompactFlash Storage Card that may be used to arbitrate between multiple interrupt sources on the same interrupt level or to replace status information that appears on dedicated pins in memory cards that have alternate use in I/O cards. Multiple Function CompactFlash Storage Cards Table: CompactFlash Storage Card Configuration Registers Decoding Table: CompactFlash Storage Card Registers and Memory Space Decoding |