| データシートサーチシステム |
|
HT83F40P データシート(PDF) 18 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F40P データシート(HTML) 18 Page - Holtek Semiconductor Inc |
|
18 / 62 page ![]() HT83FXX Rev. 1.10 18 January 21, 2010 Input/Output Ports Holtek microcontrollers offer considerable flexibility on their I/O ports. With the input or output designation of ev- ery pin fully under user program control, pull-high op- tions for all ports and wake-up options on certain pins, the user is provided with an I/O structure to meet the needs of a wide range of application possibilities. Depending upon which device or package is chosen, the microcontroller range provides from 12 bidirectional input/output lines labeled with port names PA, PB, etc. These I/O ports are mapped to the Data Memory with specific addresses as shown in the Special Purpose Data Memory table. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, which means the inputs must be ready at the T2 rising edge of instruction ²MOV A,[m] ², where m denotes the port address. For output operation, all the data is latched and remains un- changed until the output latch is rewritten. Pull-high Resistors Many product applications require pull-high resistors for their switch inputs usually requiring the use of an exter- nal resistor. To eliminate the need for these external re- sistors, all I/O pins, when configured as an input have the capability of being connected to an internal pull-high resistor. These pull-high resistors are selectable via configuration options and are implemented using a weak PMOS transistor. Note that if the pull-high option is selected, then all I/O pins on that port will be connected to pull-high resistors, individual pins can be selected for pull-high resistor options. Port A Wake-up Each device has a HALT instruction enabling the microcontroller to enter a Power Down Mode and pre- serve power, a feature that is important for battery and other low-power applications. Various methods exist to wake-up the microcontroller, one of which is to change the logic condition on one of the Port A pins from high to low. After a ²HALT² instruction forces the microcontroller into entering a HALT condition, the processor will re- main idle or in a low-power state until the logic condition of the selected wake-up pin on Port A changes from high to low. This function is especially suitable for applica- tions that can be woken up via external switches. Note that each pin on Port A can be selected individually to have this wake-up feature. I/O Port Control Registers Each I/O port has its own control register PAC and PBC, to control the input/output configuration. With this con- trol register, each CMOS output or input with or without pull-high resistor structures can be reconfigured dynam- ically under software control. Each pin of the I/O ports is directly mapped to a bit in its associated port control reg- ister. For the I/O pin to function as an input, the corre- sponding bit of the control register must be written as a ²1². This will then allow the logic state of the input pin to be directly read by instructions. When the correspond- ing bit of the control register is written as a ²0², the I/O pin will be setup as a CMOS output. If the pin is currently setup as an output, instructions can still be used to read the output register. However, it should be noted that the program will in fact only read the status of the output data latch and not the actual logic status of the output pin. Pin-shared Functions The flexibility of the microcontroller range is greatly en- hanced by the use of pins that have more than one func- tion. Limited numbers of pins can force serious design constraints on designers but by supplying pins with multi-functions, many of these difficulties can be over- come. For some pins, the chosen function of the multi-function I/O pins is set by configuration options while for others the function is set by application pro- gram control. · Serial Interface Module The device pins, PB0~PB3, are pin-shared with pins SDA, SCL, SCS, SCK, SDI, SDO. The choice of which function is used is selected using the SIMC0 register. · I/O Pin Structures The following diagrams illustrate the I/O pin internal structures. As the exact logical construction of the I/O pin may differ from these drawings, they are supplied as a guide only to assist with the functional under- standing of the I/O pins. Note also that the specified pins refer to the largest device package, therefore not all pins specified will exist on all devices. |