データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24164 データシート(PDF) 10 Page - Xicor Inc.

部品番号 X24164
部品情報  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24164 データシート(HTML) 10 Page - Xicor Inc.

Back Button X24164 Datasheet HTML 6Page - Xicor Inc. X24164 Datasheet HTML 7Page - Xicor Inc. X24164 Datasheet HTML 8Page - Xicor Inc. X24164 Datasheet HTML 9Page - Xicor Inc. X24164 Datasheet HTML 10Page - Xicor Inc. X24164 Datasheet HTML 11Page - Xicor Inc. X24164 Datasheet HTML 12Page - Xicor Inc. X24164 Datasheet HTML 13Page - Xicor Inc. X24164 Datasheet HTML 14Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
X24164
10
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC X 0.5
3846 PGM T06
EQUIVALENT A.C. LOAD CIRCUIT
5V
1533
100pF
OUTPUT
3846 FHD F04
A.C. CHARACTERISTICS (Over recommended operating range unless otherwise specified)
Read & Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
µs
tBUF
Time the Bus Must Be Free Before a
4.7
µs
New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
µs
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tSU:STA
Start Condition Setup Time
4.7
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
µs
tDH
Data Out Hold Time
300
ns
3846 PGM T07
POWER-UP TIMING(4)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
5
ms
3846 PGM T08
Notes: (4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These param-
eters are periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com