データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KNP-R3AV1KCTB データシート(PDF) 21 Page - Token Electronics Industry Co., Ltd.

部品番号 KNP-R3AV1KCTB
部品情報  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOKEN [Token Electronics Industry Co., Ltd.]
ホームページ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1KCTB データシート(HTML) 21 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1KCTB Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. KNP-R3AV1KCTB Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Preview
Token Electronics has introduced a non-inductive version KNPN Series of conformal coated, leaded wire-wound
resistors.
The KNPN series offers the expected performance of a wire wound resistor with the added characteristic of
vastly improved inductance, making it suitable for high-switching applications.
Wirewound technology has long been known as a leading technology for power resistor needs though it is
inherently inductive. Known as Ayrton Perry winding, a non-inductively wound wirewound has one winding in
one direction and one in the other direction.
By using a non-inductively wound version this greatly reduces the inductance of any given resistor size and value
combination; however, it does not completely eliminate the inductance.
This non-inductive winding is available in all standard KNPN sizes from 0.5 watts up to 6 watts with options
1%, 2% and 5% tolerance. The KNPN series is RoHS compliant and also can be supplied with radial, goalpost or
lancet preformed leads.
To address your need for technical and economic success in a timely manner, our custom solutions are available.
Contact us with your specific needs.
KNPN Non-inductive Resistors
Applications
- Power tools
- Current sensing
- Consumer applications
- Power supplies, Welders
- High voltage applications
- High-switching applications
- Home entertainment, appliances
Non-inductive Wirewound Resistors
Improves Inductance for High Frequency Applications
Non-inductive
Wirewound Resistors
Features
- Low cost
- Excellent pulse load capability
- Non-inductive Ayrton Perry winding
- A wide resistance range 0.1Ω to 50Ω
- Operating temperature range -55°C ~ 155°C
- A wide range of power ratings 0.5W to 6W
- Products with Pb-free Terminations and RoHS compliant
TOKEN
19 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60