| データシートサーチシステム |
|
KNP-R3AV1KCTB データシート(PDF) 49 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AV1KCTB データシート(HTML) 49 Page - Token Electronics Industry Co., Ltd. |
|
49 / 60 page ![]() How to Order 0.5W 1KR J RSS TB RSS, RSN Metal Oxide Resistors Back to 1st Page - Metal Oxide Resistors (RSS, RSN) Part Number: RSS, RSN Rated Power (W) Resistance Value (Ω) Resistance Tolerance (%) Code Resistance Tolerance J ±5% Package Application Notes Code Resistance Value 10R 10Ω 100R 100Ω 1K 1KΩ 10K 10KΩ Code Package TB Taping Box ● Never use organic solvents to clean non-flammable resistors. ● Maintaining a surface temperature of 200°C or less will extend resistors service life. ● Although the hardness exceeds that of a 3H pencil lead, do not nick the coating with screwdrivers or other pointed objects. ● Smoke emitted from non-flammable resistors on initial use in powered circuits is a normal phenomenon and the component can be safely utilized. ● Non-flammable resistors cannot be utilized in oil. Non-flammable resistors cannot be used in high frequency machinery because of the inductance produced by the grooving. ● Avoid touching non-flammable resistors in operation; the surface temperature ranges from approximately 350 °C to 400°C when utilized at the full rated value. ● All metal oxide film resistors (RSS, RSN) manufactured by Token Electronics Co., Ltd. comply with the U.S. UL-94 non-flammability test, Class V-0, a continuous combustion period of zero seconds. ● Less resistant against external shocks than ordinary resistors due to special flame retardant coating. So, never give shocks or vibrations on the resistors. Also never damage them by picking up the coated films with pliers, tweezers, etc. ● After cleaning, no external power should be put on the coated films before they are well dried. TOKEN 47 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |