データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HAL855UT-K データシート(PDF) 7 Page - Micronas

部品番号 HAL855UT-K
部品情報  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855UT-K データシート(HTML) 7 Page - Micronas

Back Button HAL855UT-K Datasheet HTML 3Page - Micronas HAL855UT-K Datasheet HTML 4Page - Micronas HAL855UT-K Datasheet HTML 5Page - Micronas HAL855UT-K Datasheet HTML 6Page - Micronas HAL855UT-K Datasheet HTML 7Page - Micronas HAL855UT-K Datasheet HTML 8Page - Micronas HAL855UT-K Datasheet HTML 9Page - Micronas HAL855UT-K Datasheet HTML 10Page - Micronas HAL855UT-K Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
7
2. Functional Description
2.1. General Function
The HAL855 is a monolithic integrated circuit which
provides an output signal proportional to the magnetic
flux through the Hall plate.
The external magnetic field component perpendicular
to the branded side of the package generates a Hall
voltage. The Hall IC is sensitive to magnetic north and
south polarity. This voltage is converted to a digital
value, processed in the Digital Signal Processing Unit
(DSP) according to the settings of the EEPROM regis-
ters, converted to the different digital output formats
(PWM and Biphase-M serial protocol) and provided by
an open-drain output transistor stage. The function
and the parameters for the DSP are explained in
Section 2.2. on page 9.
The setting of the LOCK register disables the program-
ming of the EEPROM memory for all time. This regis-
ter cannot be reset.
As long as the LOCK register is not set, the output
characteristic can be adjusted by programming the
EEPROM registers. The IC is addressed by modulat-
ing the supply voltage (see Fig. 2–1). After detecting a
command, the sensor reads or writes the memory and
answers with a digital signal on the output pin. The
output is switched off during the communication.
When no command is detected or processed and the
supply voltage is within the recommended operating
range the PWM or Biphase-M output is enabled.
It is possible to program several sensors individually if
they are in parallel to the same supply and ground line.
The selection of each sensor is done via its output pin.
Internal temperature compensation circuitry and the
choppered offset compensation enables operation
over the full temperature range with minimal changes
in accuracy and high offset stability. The circuitry also
rejects offset shifts due to mechanical stress from the
package. The non-volatile memory consists of redun-
dant EEPROM cells. In addition, the sensor IC is
equipped with devices for overvoltage and reverse-
voltage protection at all pins.
Fig. 2–1: Programming with VDD modulation
Fig. 2–2: HAL855 block diagram
5
6
7
8
HAL
855
VDD
GND
OUT
0
VPull-up
Temperature
Oscillator
Switched
A/D
Digital
OUT
VDD
GND
EEPROM Memory
Bandgap
Reference
Dependent
Bias
Hall Plate
Converter
Signal
Processing
Supply
Lock
Level
Control
Open-Drain Output
HAL 855
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42