データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4050 データシート(PDF) 13 Page - Texas Instruments

部品番号 TL4050
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4050 データシート(HTML) 13 Page - Texas Instruments

Back Button TL4050 Datasheet HTML 9Page - Texas Instruments TL4050 Datasheet HTML 10Page - Texas Instruments TL4050 Datasheet HTML 11Page - Texas Instruments TL4050 Datasheet HTML 12Page - Texas Instruments TL4050 Datasheet HTML 13Page - Texas Instruments TL4050 Datasheet HTML 14Page - Texas Instruments TL4050 Datasheet HTML 15Page - Texas Instruments TL4050 Datasheet HTML 16Page - Texas Instruments TL4050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TL4050x10Q ELECTRICAL CHARACTERISTICS
DVZ
DIZ
TL4050
www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009
at extended temperature range, full range TA = –40°C to 125°C (unless otherwise noted)
TL4050A10Q
TL4050B10Q
TL4050C10Q
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Reverse
VZ
breakdown
IZ = 100 µA
25°C
10
10
10
V
voltage
25°C
–10
10
–20
20
–50
50
Reverse
ΔVZ
breakdown
IZ = 100 µA
mV
Full
–60
60
–70
70
–100
100
voltage tolerance
range
25°C
80
100
80
100
80
100
Minimum
IZ,min
µA
Full
cathode current
110
110
110
range
IZ = 10 mA
25°C
±40
±40
±40
Average
temperature
IZ = 1 mA
25°C
±20
±20
±20
coefficient of
α
VZ
ppm/°C
25°C
±20
±20
±20
reverse
breakdown
IZ = 100 µA
Full
±50
±50
±50
voltage
range
25°C
0.8
1.5
0.8
1.5
0.8
1.5
IZ,min < IZ < 1 mA
Reverse
Full
3.5
3.5
3.5
breakdown
range
voltage change
mV
25°C
8
12
8
12
8
12
with cathode
current change
1 mA < IZ < 15 mA
Full
23
23
23
range
IZ = 1 mA,
Reverse dynamic
ZZ
f = 120 Hz,
25°C
0.7
0.7
0.7
Ω
impedance
IAC = 0.1 IZ
IZ = 100 µA,
eN
Wideband noise
25°C
150
150
150
µV
RMS
10 Hz
≤ f ≤ 10 kHz
Long-term
stability of
t = 1000 h,
reverse
TA = 25°C ± 0.1°C,
120
120
120
ppm
breakdown
IZ = 100 µA
voltage
Thermal
VHYST
ΔTA = –40°C to 125°C
2.8
2.8
2.8
mV
hysteresis(1)
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TL4050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com