データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4050 データシート(PDF) 2 Page - Texas Instruments

部品番号 TL4050
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4050 データシート(HTML) 2 Page - Texas Instruments

  TL4050 Datasheet HTML 1Page - Texas Instruments TL4050 Datasheet HTML 2Page - Texas Instruments TL4050 Datasheet HTML 3Page - Texas Instruments TL4050 Datasheet HTML 4Page - Texas Instruments TL4050 Datasheet HTML 5Page - Texas Instruments TL4050 Datasheet HTML 6Page - Texas Instruments TL4050 Datasheet HTML 7Page - Texas Instruments TL4050 Datasheet HTML 8Page - Texas Instruments TL4050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TL4050
SLOS486A – JUNE 2007 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ORDERING INFORMATION(1)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
Reel of 3000
TL4050A25IDBZR
SOT-23-3 – DBZ
TKE_
Reel of 250
TL4050A25IDBZT
2.5 V
Reel of 3000
TL4050A25IDCKR
SC-70 – DCK
82_
Reel of 250
TL4050A25IDCKT
Reel of 3000
TL4050A41IDBZR
SOT-23-3 – DBZ
TKL_
Reel of 250
TL4050A41IDBZT
4.096 V
A grade:
Reel of 3000
TL4050A41IDCKR
0.1% initial
SC-70 – DCK
8E_
Reel of 250
TL4050A41IDCKT
accuracy and
50 ppm/°C
Reel of 3000
TL4050A50IDBZR
SOT-23-3 – DBZ
TKS_
temperature
Reel of 250
TL4050A50IDBZT
coefficient
5 V
Reel of 3000
TL4050A50IDCKR
SC-70 – DCK
8L_
Reel of 250
TL4050A50IDCKT
Reel of 3000
TL4050A10IDBZR
SOT-23-3 – DBZ
TK2_
Reel of 250
TL4050A10IDBZT
10 V
Reel of 3000
TL4050A10IDCKR
SC-70 – DCK
8Z_
Reel of 250
TL4050A10IDCKT
–40°C to 85°C
Reel of 3000
TL4050B25IDBZR
SOT-23-3 – DBZ
TKF_
Reel of 250
TL4050B25IDBZT
2.5 V
Reel of 3000
TL4050B25IDCKR
SC-70 – DCK
83_
Reel of 250
TL4050B25IDCKT
Reel of 3000
TL4050B41IDBZR
SOT-23-3 – DBZ
TKM_
Reel of 250
TL4050B41IDBZT
4.096 V
B grade:
Reel of 3000
TL4050B41IDCKR
0.2% initial
SC-70 – DCK
8F_
Reel of 250
TL4050B41IDCKT
accuracy and
50 ppm/°C
Reel of 3000
TL4050B50IDBZR
SOT-23-3 – DBZ
TKT_
temperature
Reel of 250
TL4050B50IDBZT
coefficient
5 V
Reel of 3000
TL4050B50IDCKR
SC-70 – DCK
8M_
Reel of 250
TL4050B50IDCKT
Reel of 3000
TL4050B10IDBZR
SOT-23-3 – DBZ
TK3_
Reel of 250
TL4050B10IDBZT
10 V
Reel of 3000
TL4050B10IDCKR
SC-70 – DCK
92_
Reel of 250
TL4050B10IDCKT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TL4050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com