| データシートサーチシステム |
|
TMP320C6720RFP300 データシート(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C6720RFP300 データシート(HTML) 68 Page - Texas Instruments |
|
68 / 118 page ![]() UHPI_HCS UHPI_HAS UHPI_HCNTL[1:0] UHPI_HRW UHPI_HHWIL HSTROBE(A) UHPI_HD[15:0] UHPI_HRDY 16 15 37 13 14 16 15 37 13 3 1 2 3 1 2 38 7 4 6 TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com A. See Figure 4-14. B. Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on UHPI_HRDY may or may not occur. Figure 4-23. Multiplexed Read Timings With UHPI_HAS Held High 68 Peripheral and Electrical Specifications Submit Documentation Feedback |