| データシートサーチシステム |
|
TMP320C6720RFP300 データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C6720RFP300 データシート(HTML) 22 Page - Texas Instruments |
|
22 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com Table 2-12. Terminal Functions (continued) GDH/ SIGNAL NAME RFP TYPE(1) PULL(2) GPIO(3) DESCRIPTION ZDH External Memory Interface (EMIF) Data Bus / Universal Host-Port Interface (UHPI) Address Bus Option EM_D[0] 52 T8 IO - N EM_D[1] 51 R8 IO - N EM_D[2] 49 R7 IO - N EM_D[3] 48 T6 IO - N EM_D[4] 46 R6 IO - N EM_D[5] 45 T5 IO - N EM_D[6] 43 R5 IO - N EM_D[7] 41 T4 IO - N EMIF Data Bus [Lower 16 Bits] EM_D[8] 66 R13 IO - N EM_D[9] 64 T12 IO - N EM_D[10] 63 R12 IO - N EM_D[11] 61 T11 IO - N EM_D[12] 59 R11 IO - N EM_D[13] 58 R10 IO - N EM_D[14] 56 T9 IO - N EM_D[15] 55 R9 IO - N EM_D[16]/UHPI_HA[0] - N7 IO/I IPD N EM_D[17]/UHPI_HA[1] - P6 IO/I IPD N EM_D[18]/UHPI_HA[2] - N6 IO/I IPD N EM_D[19]/UHPI_HA[3] - P5 IO/I IPD N EM_D[20]/UHPI_HA[4] - P4 IO/I IPD N EM_D[21]/UHPI_HA[5] - P3 IO/I IPD N EM_D[22]/UHPI_HA[6] - N4 IO/I IPD N EM_D[23]/UHPI_HA[7] - R2 IO/I IPD N EMIF Data Bus [Upper 16 Bits (IO)] or UHPI Address Input (I) EM_D[24]/UHPI_HA[8] - P11 IO/I IPD N EM_D[25]/UHPI_HA[9] - N11 IO/I IPD N EM_D[26]/UHPI_HA[10] - P10 IO/I IPD N EM_D[27]/UHPI_HA[11] - N10 IO/I IPD N EM_D[28]/UHPI_HA[12] - P9 IO/I IPD N EM_D[29]/UHPI_HA[13] - N9 IO/I IPD N EM_D[30]/UHPI_HA[14] - N8 IO/I IPD N EM_D[31]/UHPI_HA[15] - P7 IO/I IPD N 22 Device Overview Submit Documentation Feedback |