| データシートサーチシステム |
|
ADP1715ARMZ-R7 データシート(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1715ARMZ-R7 データシート(HTML) 44 Page - Analog Devices |
|
44 / 75 page ![]() Push Buttons and Switches 2-10 ADSP-BF506F EZ-KIT Lite Evaluation System Manual Programmable Flag Push Buttons (SW7–8) Two momentary push buttons (SW7 and SW8) are provided for general-pur- pose user input. The buttons are connected to the PF3–4 GPIO pins of the processor. The push buttons are active high and, when pressed, send a high (1) to the processor. The GPIO enable switch (SW3) disconnects the push buttons from the associated push button signals (refer to “Push But- ton Enable Switch (SW3)” on page 2-9 for more information). ADC Loopback Switches (SW9–10) The ADC loopback switches (SW9 and SW10) are used for testing only. The switches connect a test signal to the ADC inputs. |