データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1715ARMZ-R7 データシート(PDF) 49 Page - Analog Devices

部品番号 ADP1715ARMZ-R7
部品情報  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 データシート(HTML) 49 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 45Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 46Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 47Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 48Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 49Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 50Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 51Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 52Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-15
ADSP-BF506F EZ-KIT Lite Hardware Reference
Reset LED (LED1)
When LED1 is lit, it indicates that the master reset of all the major ICs is
active. The reset signal is controlled by the Analog Devices ADM708
supervisory reset circuit.
GPIO LEDs (LED2–4)
Three LEDs connect to the three general-purpose I/O pins of the proces-
sor (see Table 2-6). The LEDs are active high and lit by writing a “1” to
the correct programmable flag signal.
Power LED (LED5)
When LED5 is lit solid, it indicates that power is being properly supplied to
the board.
Table 2-6. GPIO LEDs
LED Reference Designator
Processor Programmable Flag Pin
LED2
PF0
LED3
PF1
LED4
PF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75