| データシートサーチシステム |
|
IP4085CX4/LF データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4085CX4/LF データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 16 page ![]() IP4085_4385_4386_4387_CX4_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 26 March 2009 4 of 16 NXP Semiconductors IP4085/4385/4386/4387/CX4 Integrated high-performance ESD-protection diodes [1] Device tested with over 1000 pulses of ±30 kV contact discharges, according to the IEC 61000-4-2 model. [2] Severe self-heating demands a heat-dissipation optimized PCB to prevent the device from de-soldering. For ambient temperatures above 50 °C, the guaranteed life time is 48 hours at 0.7 W, assuming Rth to be 130 K/W as specified in Table 4. [3] Permanent operation at maximum power dissipation and above maximum junction temperature will result in a reduced life time. 6. Thermal characteristics [1] Depends on details of layout. 7. Characteristics Tstg storage temperature −55 +150 °C Treflow(peak) peak reflow temperature 10 s maximum - 260 °C Tamb ambient temperature −30 +85 °C Table 3. Limiting values …continued In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Table 4. Thermal characteristics Symbol Parameter Conditions Typ Unit Rth(j-a) thermal resistance from junction to ambient on a 2-layer PCB - IP4085CX4; IP4385CX4; IP4386CX4; IP4387CX4 [1] 130 K/W Table 5. Electrical characteristics Tamb = 25 °C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit VBR breakdown voltage IR = 15 mA IP4085CX4; IP4386CX4 16 - - V IP4385CX4 7.0 - - V IP4387CX4 10 - - V VCL(trt) transient clamping voltage IR = 1 A; Tamb ≤ 85 °C at surge peak pulse according to IEC 61000-4-5 IP4085CX4 - - 20.0 V IP4385CX4 - - 10.0 V IP4386CX4 - - 20.0 V IP4387CX4 - - 13.0 V ILR reverse leakage current IP4085CX4; IP4385CX4 VR = +5.0 V - - 200 nA IP4386CX4 VR = +14.0 V - - 200 nA IP4387CX4 VR = +8.0 V - - 800 nA |