| データシートサーチシステム |
|
IP4085CX4/LF データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4085CX4/LF データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 16 page ![]() IP4085_4385_4386_4387_CX4_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 26 March 2009 5 of 16 NXP Semiconductors IP4085/4385/4386/4387/CX4 Integrated high-performance ESD-protection diodes 8. Application information 8.1 Forward current DC clamping voltage The forward current DC clamping voltage is of interest when protecting circuits from voltage sources with the wrong polarity. Figure 3 shows the basic measurement setup. Cd diode capacitance DC bias VR = 0 V; f = 1 MHz IP4085CX4 - 180 - pF IP4385CX4 - 450 - pF IP4386CX4 - 160 - pF IP4387CX4 - 290 - pF VFd diode forward voltage IF = 850 mA IP4085CX4 Tamb ≥ +25 °C - - 1.15 V −30 °C ≤ Tamb ≤ +85 °C - - 1.3 V IP4385CX4 Tamb ≥ +25 °C - - 1.0 V −30 °C ≤ Tamb ≤ +85 °C - - 1.1 V IP4386CX4 Tamb ≥ +25 °C - - 1.15 V −30 °C ≤ Tamb ≤ +85 °C - - 1.3 V IP4387CX4 Tamb ≥ +25 °C - - 1.10 V −30 °C ≤ Tamb ≤ +85 °C - - 1.25 V Table 5. Electrical characteristics …continued Tamb = 25 °C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Fig 3. Measuring DC clamping voltage with forward current V 001aaj240 IF VCL |