データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M23LR64-R-MN6T/2 データシート(PDF) 13 Page - STMicroelectronics

部品番号 M23LR64-R-MN6T/2
部品情報  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 データシート(HTML) 13 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 9Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 10Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 11Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 12Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 13Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 14Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 15Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 16Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
M24LR64-R
Description
Doc ID 15170 Rev 9
13/126
Figure 2.
8-pin package connections
1.
See Package mechanical data section for package dimensions, and how to identify pin-1.
Table 1.
Signal names
Signal name
Function
Direction
E0, E1
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
AC0, AC1
Antenna coils
I/O
VCC
Supply voltage
VSS
Ground
SDA
VSS
SCL
E1
AC0
E0
VCC
AC1
AI15107
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More