| データシートサーチシステム |
|
PCA9541APW/03 データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541APW/03 データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 41 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx (1) We assume that a read of the Control register was done by MASTER 0 before this sequence and that 000x 0101 was read (MASTER 1 controlling the bus). Fig 15. Write to the Control register and switch from Channel 1 to Channel 0 (bus recovery/initialization requested) 002aab609 1 1 1 A3 A2 A1 A0 0 slave address R/W S START condition A acknowledge from slave 000 AI 0001 command code register auto increment A acknowledge from slave P STOP condition A acknowledge from slave data Control register SDA_MST0(1) 0 0 0 1 0 1 0 0 BUSINIT BUSON MYBUS After the STOP condition MASTER 1 is disconnected from the downstream channel. SCL_MST0 if the interrupt is not masked (BUSLOSTMSK = 0) INT1 123456789 SCL_SLAVE SDA_SLAVE A STOP command INT0 if the interrupt is not masked (BUSINITMSK = 0) PCA9541 has control of the bus MASTER 0 has control of the bus MASTER 1 has control of the bus MASTER 0 must wait for the 'bus free time' value (between STOP and START) defined in the I2C-bus specification before sending commands to the downstream devices. |