| データシートサーチシステム |
|
PCA9541APW/03 データシート(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541APW/03 データシート(HTML) 14 Page - NXP Semiconductors |
|
14 / 41 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] Only the 4 LSBs are shown. [2] x0x0 in binary = 0, 2, 8 or A in hexadecimal x0x1 in binary = 1, 3, 9 or B in hexadecimal x1x0 in binary = 4, 6, C or E in hexadecimal x1x1 in binary = 5, 7, D or F in hexadecimal [3] x can be either ‘0’ or ‘1’ since those bits are read-only bits. Table 12. Bus control sequence Read Control Register performed by the master Write Control Register performed by the master Byte read[1] Status NBUSON BUSON NMYBUS MYBUS Byte written[1][2] Action performed to take mastership NBUSON[3] BUSON NMYBUS[3] MYBUS Hex Hex 0 bus off has control 0 0 0 0 4 bus on x 1 x 0 1 bus off no control 0 0 0 1 4 bus on, take control x 1 x 0 2 bus off no control 0 0 1 0 5 bus on, take control x 1 x 1 3 bus off has control 0 0 1 1 5 bus on x 1 x 1 4 bus on has control 0 1 0 0 - no change no write required 5 bus on no control 0 1 0 1 4 take control x 1 x 0 6 bus on no control 0 1 1 0 5 take control x 1 x 1 7 bus on has control 0 1 1 1 - no change no write required 8 bus on has control 1 0 0 0 - no change no write required 9 bus on no control 1 0 0 1 0 take control x 0 x 0 A bus on no control 1 0 1 0 1 take control x 0 x 1 B bus on has control 1 0 1 1 - no change no write required C bus off has control 1 1 0 0 0 bus on x 0 x 0 D bus off no control 1 1 0 1 0 bus on, take control x 0 x 0 E bus off no control 1 1 1 0 1 bus on, take control x 0 x 1 F bus off has control 1 1 1 1 1 bus on x 0 x 1 |