| データシートサーチシステム |
|
PCF2113AU/10/F4 データシート(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113AU/10/F4 データシート(HTML) 32 Page - NXP Semiconductors |
|
32 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 32 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers 10.3 Bit IM When IM = 0, the chip is in Character mode. In Character mode, characters and icons are driven (MUX 1:18 or MUX 1:9). The VLCD generator, if used, produces the VLCD voltage programmed in register VA. When IM = 1, the chip is in Icon mode. In Icon mode only the icons are driven (MUX 1:2) and the VLCD generator, if used, produces the VLCD voltage as programmed in register VB. 10.4 Bit IB Icon blink control is independent of the cursor/character blink function. When IB = 0, the icon blink is disabled. Icon data is stored in CGRAM characters 0 to 2 (3 × 8 × 5 = 120 bits for 120 icons). When IB = 1, the icon blink is enabled. In this case each icon is controlled by two bits. Blink consists of two half phases (corresponding to the cursor on and off phases called even and odd phases hereafter). CGRAM data bit = logic 1 turns the icon on, data bit = logic 0 turns the icon off. Data in character codes 0 to 3 define the icon state when icon blink is disabled or during the even phase when icon blink is enabled. Data in character codes 4 to 7 define the icon state during the odd phase when icon blink is enabled (not used for icons when icon blink is disabled). Fig 19. CGRAM to icon mapping (b) mgg001 116-120 odd (blink) 18/56-60 0 0 0 0 0 1 1 0 icon view 0 1 1 0 0 1 1 0 0 1 1 0 1-5 odd (blink) 17/1-5 0 0 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 116-120 even 18/56-60 0 0 0 0 0 0 1 0 0 0 1 0 1 1 1 1 1 1 0 1 61-65 even 18/1-5 0 0 0 0 0 0 0 1 0 0 0 1 1 0 0 1 1 0 0 0 56-60 even 17/56-60 0 0 0 0 0 0 0 1 0 0 0 1 0 1 1 1 1 1 1 1 11-15 even 17/11-15 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 0 6-10 even 17/6-10 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 1-5 even 17/1-5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 7 6 5 4 3 2 1 0 MSB LSB LSB MSB MSB LSB 6 5 4 3 2 1 0 4 3 2 1 0 icon no. phase ROW/COL character codes CGRAM address CGRAM data Table 12. Character/Icon mode operation IM Mode VLCD 0 Character mode defined in VA 1 Icon mode defined in VB |