| データシートサーチシステム |
|
PCF2113AU/10/F4 データシート(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113AU/10/F4 データシート(HTML) 12 Page - NXP Semiconductors |
|
12 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 12 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers 8.8 Address counter The Address Counter (AC) assigns addresses to the DDRAM and CGRAM for reading and writing and is set by the commands ‘set DDRAM address’ and ‘set CGRAM address’. After a read/write operation the address counter is automatically incremented or decremented by 1. The address counter contents are output to the bus (DB6 to DB0) when bit RS = 0 and bit R/W=1. 8.9 Display data RAM The Display Data RAM (DDRAM) stores up to 80 characters of display data represented by 8-bit character codes. RAM locations which are not used for storing display data can be used as general purpose RAM. The basic RAM to display addressing scheme is shown in Figure 4. With no display shift the characters represented by the codes in the first 24 RAM locations starting at address 00h in line 1 are displayed. Figure 5 and Figure 6 show the display mapping for right and left shift respectively. When data is written to or read from the DDRAM, wrap-around occurs from the end of one line to the start of the next line. When the display is shifted each line wraps around within itself, independently of the others. Thus all lines are shifted and wrapped around together. The address ranges and wrap-around operations for the various modes are shown in Table 7. Fig 4. DDRAM to display mapping: no shift Fig 5. DDRAM to display mapping: right shift 00 01 02 03 04 15 16 17 18 19 4C 4D 4E 4F non-displayed DDRAM addresses 64 65 66 67 40 41 42 43 44 49 4A 4B 4C 4D 00 01 02 03 04 09 0A 0B 0C 0D 24 25 26 27 non-displayed DDRAM address line 1 line 2 mge991 DDRAM address 2-line display 12345 22 23 24 12345 10 11 12 12345 10 11 12 display position DDRAM address 1-line display mge992 27 00 01 02 03 67 40 41 42 43 08 09 0A 48 49 4A DDRAM address line 1 line 2 2-line display 1 2 3 4 5 22 23 24 1 2 3 4 5 10 11 12 1 2 3 4 5 10 11 12 4F 00 01 02 03 14 15 16 display position DDRAM address 1-line display |