データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2123TS データシート(PDF) 46 Page - NXP Semiconductors

部品番号 PCF2123TS
部品情報  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS データシート(HTML) 46 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 42Page - NXP Semiconductors PCF2123TS Datasheet HTML 43Page - NXP Semiconductors PCF2123TS Datasheet HTML 44Page - NXP Semiconductors PCF2123TS Datasheet HTML 45Page - NXP Semiconductors PCF2123TS Datasheet HTML 46Page - NXP Semiconductors PCF2123TS Datasheet HTML 47Page - NXP Semiconductors PCF2123TS Datasheet HTML 48Page - NXP Semiconductors PCF2123TS Datasheet HTML 49Page - NXP Semiconductors PCF2123TS Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
46 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
The x/y coordinates of the alignment mark location represent the position of the REF point (see Figure 34)
with respect to the center (x/y = 0) of the chip; see Figure 32 and Figure 33.
[2]
The x/y values of the dimensions represent the extensions of the alignment mark in direction of the
coordinate axis (see Figure 34).
Table 47.
Bump locations
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip; see Figure 33.
Symbol
Bump
Coordinates
x
y
SDO
1
648.0
−575.0
SDI
2
648.0
−377.0
SCL
3
648.0
−179.0
CLKOE
4
648.0
171.2
CLKOUT
5
648.0
369.2
VDD
6
648.0
625.7
OSCI
7
−648.0
639.0
OSCO
8
−648.0
421.9
TEST
9
−648.0
−25.9
INT
10
−648.0
−223.9
CE
11
−648.0
−441.0
VSS
12
−648.0
−639.0
Table 48.
Alignment mark dimension and location
Coordinates
x
y
Location[1]
693
−516.2
Dimension
16
µm13 µm
Fig 34. Alignment mark
013aaa231
REF
y
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55