| データシートサーチシステム |
|
PCF2123TS データシート(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2123TS データシート(HTML) 52 Page - NXP Semiconductors |
|
52 / 55 page ![]() PCF2123_2 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 — 4 December 2009 52 of 55 NXP Semiconductors PCF2123 SPI Real time clock/calendar 20. References [1] AN10365 — Surface mount reflow soldering description [2] AN10706 — Handling bare die [3] AN10853 — Handling precautions of ESD sensitive devices [4] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [5] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [6] IPC/JEDEC J-STD-020D — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [7] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [8] JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [9] JESD78 — IC Latch-Up Test [10] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [11] NX3-00092 — NXP store and transport requirements [12] SNV-FA-01-02 — Marking Formats Integrated Circuits |