| データシートサーチシステム |
|
MCP4331T-103E/ML データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-103E/ML データシート(HTML) 24 Page - Microchip Technology |
|
24 / 88 page ![]() MCP433X/435X DS22242A-page 24 2010 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-36: 10 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 5.5V, IW = 150 µA). FIGURE 2-37: 10 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 3.0V, IW = 150 µA). FIGURE 2-38: 10 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 1.8V, IW = 150 µA). FIGURE 2-39: 10 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 5.5V, IW = 150 µA). FIGURE 2-40: 10 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 3.0V, IW = 150 µA). FIGURE 2-41: 10 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 1.8V, IW = 150 µA). -1.50% -1.00% -0.50% 0.00% 0.50% 1.00% 1.50% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -1.50% -1.00% -0.50% 0.00% 0.50% 1.00% 1.50% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -1.50% -1.00% -0.50% 0.00% 0.50% 1.00% 1.50% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. 10 15 20 25 30 35 40 45 50 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 20 25 30 35 40 45 50 55 60 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 -1400 -1200 -1000 -800 -600 -400 -200 0 200 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |