| データシートサーチシステム |
|
MCP4331T-103E/ML データシート(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-103E/ML データシート(HTML) 29 Page - Microchip Technology |
|
29 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 29 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-62: 50 k – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-63: 50 k – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-64: 50 k – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-65: 50 k – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). |