| データシートサーチシステム |
|
MCP4331T-503E/ML データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-503E/ML データシート(HTML) 35 Page - Microchip Technology |
|
35 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 35 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD =5V, VSS = 0V. FIGURE 2-90: POR/BOR Trip point vs. VDD and Temperature. FIGURE 2-91: SCK Input Frequency vs. Voltage and Temperature. 2.1 Test Circuits FIGURE 2-92: -3 db Gain vs. Frequency Measurement. FIGURE 2-93: RBW and RW Measurement. 0 0.4 0.8 1.2 1.6 2 -40 0 40 80 120 Temperature (°C) 13.4 13.5 13.6 13.7 13.8 13.9 14.0 14.1 14.2 -40 0 40 80 120 Temperature (°C) 2.7V 5.5V + - VOUT 2.5V DC +5V A B W Offset GND VIN A B W IW VW floating RBW = VW / IW VA VB RW = (VW - VA) / IW |