| データシートサーチシステム |
|
MCP4331T-503E/ML データシート(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-503E/ML データシート(HTML) 85 Page - Microchip Technology |
|
85 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 85 MCP433X/435X PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX -XXX Resistance Package Temperature Range Device Device: MCP4331: Quad Volatile 7-bit Potentiometer MCP4331T: Quad Volatile 7-bit Potentiometer (Tape and Reel) MCP4332: Quad Volatile 7-bit Rheostat MCP4332T: Quad Volatile 7-bit Rheostat (Tape and Reel) MCP4351: Quad Volatile 8-bit Potentiometer MCP4351T: Quad Volatile 8-bit Potentiometer (Tape and Reel) MCP4352: Quad Volatile 8-bit Rheostat MCP4352T: Quad Volatile 8-bit Rheostat (Tape and Reel) Resistance Version: 502 = 5 k 103 = 10 k 503 = 50 k 104 = 100 k Temperature Range: E= -40 C to +125C (Extended) Package: ST = Plastic Thin Shrink Small Outline (TSSOP), 14/20-lead ML = Plastic Quad Flat No-lead (4x4 QFN), 20-lead Examples: a) MCP4331-502E/XX: 5 k 20-LD Device b) MCP4331T-502E/XX: T/R, 5 k 20-LD Device c) MCP4331-103E/XX: 10 k , 20-LD Device d) MCP4331T-103E/XX: T/R, 10 k , 20-LD Device e) MCP4331-503E/XX: 50 k , 20-LD Device f) MCP4331T-503E/XX: T/R, 50 k , 20-LD Device g) MCP4331-104E/XX: 100 k , 20-LD Device h) MCP4331T-104E/XX: T/R, 100 k , 20-LD Device a) MCP4332-502E/XX: 5 k 14-LD Device b) MCP4332T-502E/XX: T/R, 5 k 14-LD Device c) MCP4332-103E/XX: 10 k , 14-LD Device d) MCP4332T-103E/XX: T/R, 10 k , 14-LD Device e) MCP4332-503E/XX: 50 k , 8LD Device f) MCP4332T-503E/XX: T/R, 50 k , 14-LD Device g) MCP4332-104E/XX: 100 k , 14-LD Device h) MCP4332T-104E/XX: T/R, 100 k , 14-LD Device a) MCP4351-502E/XX: 5 k 20-LD Device b) MCP4351T-502E/XX: T/R, 5 k 20-LD Device c) MCP4351-103E/XX: 10 k , 20-LD Device d) MCP4351T-103E/XX: T/R, 10 k , 20-LD Device e) MCP4351-503E/XX: 50 k , 20-LD Device f) MCP4351T-503E/XX: T/R, 50 k , 20-LD Device g) MCP4351-104E/XX: 100 k , 20-LD Device h) MCP4351T-104E/XX: T/R, 100 k , 20-LD Device a) MCP4352-502E/XX: 5 k 14-LD Device b) MCP4352T-502E/XX: T/R, 5 k 14-LD Device c) MCP4352-103E/XX: 10 k , 14-LD Device d) MCP4352T-103E/XX: T/R, 10 k , 14-LD Device e) MCP4352-503E/XX: 50 k , 14-LD Device f) MCP4352T-503E/XX: T/R, 50 k , 14-LD Device g) MCP4352-104E/XX: 100 k , 14-LD Device h) MCP4352T-104E/XX: T/R, 100 k , 14-LD Device XX = ST for 14/20-lead TSSOP = ML for 20-lead QFN Version |