| データシートサーチシステム |
|
MCP4331T-104E/ML データシート(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-104E/ML データシート(HTML) 25 Page - Microchip Technology |
|
25 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 25 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-42: 10 k – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-43: 10 k – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-44: 10 k – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-45: 10 k – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). |