| データシートサーチシステム |
|
MCP4331T-104E/ML データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-104E/ML データシート(HTML) 27 Page - Microchip Technology |
|
27 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 27 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-52: 50 k – Nominal Resistance (RAB) () vs. Ambient Temperature and VDD. FIGURE 2-53: 50 k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 5.5V, IW = 90 µA). FIGURE 2-54: 50 k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 3.0V, IW = 48 µA). FIGURE 2-55: 50 k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 1.8V, IW = 30 µA). 49000 49500 50000 50500 51000 51500 52000 52500 -40 0 40 80 120 Ambient Temperature (°C) 2.7V 1.8V 5.5V 0 10000 20000 30000 40000 50000 60000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C 0 10000 20000 30000 40000 50000 60000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C 0 10000 20000 30000 40000 50000 60000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |