| データシートサーチシステム |
|
MCP4332-103E/ST データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4332-103E/ST データシート(HTML) 31 Page - Microchip Technology |
|
31 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 31 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-72: 100 k – Nominal Resistance (RAB) () vs. Ambient Temperature and VDD. FIGURE 2-73: 100 k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 5.5V, IW = 45 µA). FIGURE 2-74: 100 k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 3.0V, IW = 24 µA). FIGURE 2-75: 100 k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 1.8V, IW = 15 µA). 98500 99000 99500 100000 100500 101000 101500 102000 102500 103000 103500 -40 0 40 80 120 Ambient Temperature (°C) 2.7V 5.5V 1.8V 0 20000 40000 60000 80000 100000 120000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C 0 20000 40000 60000 80000 100000 120000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C 0 20000 40000 60000 80000 100000 120000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |