| データシートサーチシステム |
|
MCP4332-103E/ST データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4332-103E/ST データシート(HTML) 33 Page - Microchip Technology |
|
33 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 33 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-82: 100 k – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-83: 100 k – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-84: 100 k – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-85: 100 k – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). |