データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F526-I/P データシート(PDF) 35 Page - Microchip Technology

部品番号 PIC16F526-I/P
部品情報  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P データシート(HTML) 35 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 31Page - Microchip Technology PIC16F526-I/P Datasheet HTML 32Page - Microchip Technology PIC16F526-I/P Datasheet HTML 33Page - Microchip Technology PIC16F526-I/P Datasheet HTML 34Page - Microchip Technology PIC16F526-I/P Datasheet HTML 35Page - Microchip Technology PIC16F526-I/P Datasheet HTML 36Page - Microchip Technology PIC16F526-I/P Datasheet HTML 37Page - Microchip Technology PIC16F526-I/P Datasheet HTML 38Page - Microchip Technology PIC16F526-I/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 35
PIC16F526
TABLE 6-2:
SUMMARY OF PORT REGISTERS
TABLE 6-3:
I/O PINS ORDER OF PRECEDENCE
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1 Bit 0
Value on
Power-On
Reset
Value on
All Other
Resets
N/A
TRIS
—
—
I/O Control Register (PORTB, PORTC)
--11 1111
--11 1111
N/A
OPTION
RBWU
RBPU TOCS
TOSE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
03h
STATUS RBWUF CWUF
PA0
TO
PD
Z
DC
C
0001 1xxx qq0q quuu(1)
06h
PORTB
—
—
RB5
RB4
RB3
RB2
RB1
RB0
--xx xxxx
--uu uuuu
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
Legend: Shaded cells are not used by PORT registers, read as ‘0’. – = unimplemented, read as ‘0’, x = unknown,
u = unchanged,
q = depends on condition.
Note 1:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
Priority
RB0
RB1
RB2
RB3
RC0
RC1
RC2
RC4
RC5
1
AN0
AN1
AN2
RB3/MCLR
C2IN+
C2IN-
CVREF
C2OUT
T0CKI
2
C1IN+
C1IN-
C1OUT
—
TRISC
TRISC
TRISC
TRISC
TRISC
3
TRISB
TRISB
TRISB