データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F526-I/P データシート(PDF) 40 Page - Microchip Technology

部品番号 PIC16F526-I/P
部品情報  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P データシート(HTML) 40 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 36Page - Microchip Technology PIC16F526-I/P Datasheet HTML 37Page - Microchip Technology PIC16F526-I/P Datasheet HTML 38Page - Microchip Technology PIC16F526-I/P Datasheet HTML 39Page - Microchip Technology PIC16F526-I/P Datasheet HTML 40Page - Microchip Technology PIC16F526-I/P Datasheet HTML 41Page - Microchip Technology PIC16F526-I/P Datasheet HTML 42Page - Microchip Technology PIC16F526-I/P Datasheet HTML 43Page - Microchip Technology PIC16F526-I/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
PIC16F526
DS41326D-page 40
 2010 Microchip Technology Inc.
7.2
Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 module or as a postscaler for the Watchdog
Timer (WDT), respectively (see Section 8.6 “Watch-
dog Timer (WDT)”). For simplicity, this counter is
being referred to as “prescaler” throughout this data
sheet.
The PSA and PS<2:0> bits of the OPTION register
determine prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g., CLRF TMR0,
MOVWF TMR0, etc.) will clear the prescaler. When
assigned to WDT, a CLRWDT instruction will clear the
prescaler along with the WDT. The prescaler is neither
readable nor writable. On a Reset, the prescaler
contains all ‘0’s.
7.2.1
SWITCHING PRESCALER
ASSIGNMENT
The prescaler assignment is fully under software
control (i.e., it can be changed “on-the-fly” during
program execution). To avoid an unintended device
Reset, the following instruction sequence (Example 7-
1) must be executed when changing the prescaler
assignment from Timer0 to the WDT.
EXAMPLE 7-1:
CHANGING PRESCALER
(TIMER0
WDT)
To change the prescaler from the WDT to the Timer0
module, use the sequence shown in Example 7-2. This
sequence must be used even if the WDT is disabled. A
CLRWDT instruction should be executed before
switching the prescaler.
EXAMPLE 7-2:
CHANGING PRESCALER
(WDT
TIMER0)
Note:
The prescaler may be used by either the
Timer0 module or the WDT, but not both.
Thus, a prescaler assignment for the
Timer0 module means that there is no
prescaler for the WDT and vice versa.
CLRWDT
;Clear WDT
CLRF
TMR0
;Clear TMR0 & Prescaler
MOVLW
b'00xx1111'
CLRWDT
;PS<2:0> are 000 or 001
MOVLW
b'00xx1xxx' ;Set Postscaler to
OPTION
;desired WDT rate
CLRWDT
;Clear WDT and
;prescaler
MOVLW
b'xxxx0xxx' ;Select TMR0, new
;prescale value and
;clock source
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More