| データシートサーチシステム |
|
PIC18F23K20-E/P データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/P データシート(HTML) 41 Page - Microchip Technology |
|
41 / 456 page ![]() 2010 Microchip Technology Inc. DS41303G-page 41 PIC18F2XK20/4XK20 FIGURE 2-9: FSCM TIMING DIAGRAM TABLE 2-3: SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES OSCFIF System Clock Output Sample Clock Failure Detected Oscillator Failure Note: The system clock is normally at a much higher frequency than the sample clock. The relative frequencies in this example have been chosen for clarity. (Q) Test Test Test Clock Monitor Output Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets(1) CONFIG1H IESO FCMEN — — FOSC3 FOSC2 FOSC1 FOSC0 — — INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000x OSCCON IDLEN IRCF2 IRCF1 IRCF0 OSTS IOFS SCS1 SCS0 0011 q000 0011 q000 OSCTUNE INTSRC PLLEN TUN5 TUN4 TUN3 TUN2 TUN1 TUN0 0000 0000 000u uuuu PIE2 OSCFIE C1IE C2IE EEIE BCLIE HLVDIE TMR3IE CCP2IE 0000 0000 0000 0000 PIR2 OSCFIF C1IF C2IF EEIF BCLIF HLVDIF TMR3IF CCP2IF 0000 0000 0000 0000 IPR2 OSCFIP — — — — — — — 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by oscillators. Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation. |