データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM357-RTR データシート(PDF) 162 Page - List of Unclassifed Manufacturers

部品番号 EM357-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR データシート(HTML) 162 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 158Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 159Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 160Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 161Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 162Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 163Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 164Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 165Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 166Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 240 page
background image
EM351 / EM357
9-42
120-035X-000D
Preliminary
Bitname
Bitfield
Access
Description
TIM_CC3S
[1:0]
RW
Capture / Compare 3 Selection.
This configures the channel as an output or an input. If an input, it selects the input
source.
00: Channel is an output.
01: Channel is an input and is mapped to TI3.
10: Channel is an input and is mapped to TI4.
11: Channel is an input and is mapped to TRGI. This requires an internal trigger input
selected by the TIM_TS bit in the TIM_SMCR register.
Note: TIM_CC3S may be written only when the channel is off (TIM_CC3E = 0 in the
TIMx_CCER register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More