| データシートサーチシステム |
|
EM357-RTR データシート(PDF) 76 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR データシート(HTML) 76 Page - List of Unclassifed Manufacturers |
|
76 / 240 page ![]() EM351 / EM357 INT_SCxCFG INT_SC1CFG Serial Controller 1 Interrupt Configuration Register Address: 0x4000A848 Reset: 0x0 INT_SC2CFG Serial Controller 2 Interrupt Configuration Register Address: 0x4000A84C Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 INT_SC1PARERR INT_SC1FRMERR INT_SCTXULDB INT_SCTXULDA INT_SCRXULDB INT_SCRXULDA INT_SCNAK 7 6 5 4 3 2 1 0 INT_SCCMDFIN INT_SCTXFIN INT_SCRXFIN INT_SCTXUND INT_SCRXOVF INT_SCTXIDLE INT_SCTXFREE INT_SCRXVAL Bitname Bitfield Access Description INT_SC1PARERR [14] RW Parity error received (UART) interrupt enable. INT_SC1FRMERR [13] RW Frame error received (UART) interrupt enable. INT_SCTXULDB [12] RW DMA transmit buffer B unloaded interrupt enable. INT_SCTXULDA [11] RW DMA transmit buffer A unloaded interrupt enable. INT_SCRXULDB [10] RW DMA receive buffer B unloaded interrupt enable. INT_SCRXULDA [9] RW DMA receive buffer A unloaded interrupt enable. INT_SCNAK [8] RW NACK received (TWI) interrupt enable. INT_SCCMDFIN [7] RW START/STOP command complete (TWI) interrupt enable. INT_SCTXFIN [6] RW Transmit operation complete (TWI) interrupt enable. INT_SCRXFIN [5] RW Receive operation complete (TWI) interrupt enable. INT_SCTXUND [4] RW Transmit buffer underrun interrupt enable. INT_SCRXOVF [3] RW Receive buffer overrun interrupt enable. INT_SCTXIDLE [2] RW Transmitter idle interrupt enable. INT_SCTXFREE [1] RW Transmit buffer free interrupt enable. INT_SCRXVAL [0] RW Receive buffer has data interrupt enable. 8-5 120-035X-000D Preliminary |