| データシートサーチシステム |
|
EM357-RTR データシート(PDF) 64 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR データシート(HTML) 64 Page - List of Unclassifed Manufacturers |
|
64 / 240 page ![]() EM351 / EM357 GPIO_PxSET GPIO_PASET Port A Output Set Register Address: 0x4000B010 Reset: 0x0 GPIO_PBSET Port B Output Set Register Address: 0x4000B410 Reset: 0x0 GPIO_PCSET Port C Output Set Register Address: 0x4000B810 Reset: 0x0 Substitute A, B, or C for x in the following detail description. 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 GPIO_PXSETRSVD 7 6 5 4 3 2 1 0 Px7 Px6 Px5 Px4 Px3 Px2 Px1 Px0 Bitname Bitfield Access Description GPIO_PXSETRSVD [15:8] W Reserved: these bits must be set to 0. Px7 [7] W Write 1 to set the output data bit for Px7 (writing 0 has no effect). Px6 [6] W Write 1 to set the output data bit for Px6 (writing 0 has no effect). Px5 [5] W Write 1 to set the output data bit for Px5 (writing 0 has no effect). Px4 [4] W Write 1 to set the output data bit for Px4 (writing 0 has no effect). Px3 [3] W Write 1 to set the output data bit for Px3 (writing 0 has no effect). Px2 [2] W Write 1 to set the output data bit for Px2 (writing 0 has no effect). Px1 [1] W Write 1 to set the output data bit for Px1 (writing 0 has no effect). Px0 [0] W Write 1 to set the output data bit for Px0 (writing 0 has no effect). 7-15 120-035X-000D Preliminary |