データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM357-RTR データシート(PDF) 188 Page - List of Unclassifed Manufacturers

部品番号 EM357-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR データシート(HTML) 188 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 184Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 185Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 186Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 187Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 188Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 189Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 190Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 191Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 192Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 240 page
background image
EM351 / EM357
10-13
120-035X-000D
Preliminary
10.6
Registers
ADC_DATA
ADC Data Register
Address: 0x4000D000 Reset: 0x00000000
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
ADC_DATA_FIELD
7
6
5
4
3
2
1
0
ADC_DATA_FIELD
Bitname
Bitfield
Access
Description
ADC_DATA_FIELD
[15:0]
R
ADC conversion result. The result is a signed 2’s complement value. The significant bits
of the value begin at bit 15 regardless of the sample period used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More