| データシートサーチシステム |
|
EM357-RTR データシート(PDF) 236 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR データシート(HTML) 236 Page - List of Unclassifed Manufacturers |
|
236 / 240 page ![]() EM351 / EM357 Appendix B Abbreviations and Acronyms Acronym/Abbreviation Meaning ACK Acknowledgement ADC Analog to Digital Converter AES Advanced Encryption Standard AGC Automatic Gain Control AHB Advanced High Speed Bus APB Advanced Peripheral Bus CBC-MAC Cipher Block Chaining—Message Authentication Code CCA Clear Channel Assessment CCM Counter with CBC-MAC Mode for AES encryption CCM* Improved Counter with CBC-MAC Mode for AES encryption CIB Customer Information Block CLK1K 1 kHz Clock CLK32K 32.768 kHz Crystal Clock CPU Central Processing Unit CRC Cyclic Redundancy Check CSMA-CA Carrier Sense Multiple Access-Collision Avoidance CTR Counter Mode CTS Clear to Send DNL Differential Non-Linearity DMA Direct Memory Access DWT Data Watchpoint and Trace EEPROM Electrically Erasable Programmable Read Only Memory EM Event Manager ENOB effective number of bits ESD Electro Static Discharge ESR Equivalent Series Resistance ETR External Trigger Input FCLK ARM ® CortexTM-M3 CPU Clock FIB Fixed Information Block FIFO First-in, First-out FPB Flash Patch and Breakpoint B-1 120-035X-000D Preliminary |