| データシートサーチシステム |
|
PIC24F04KA201 データシート(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 データシート(HTML) 38 Page - Microchip Technology |
|
38 / 224 page ![]() TABLE 4-20: NVM REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets NVMCON 0760 WR WREN WRERR PGMONLY — — — — — ERASE NVMOP5 NVMOP4 NVMOP3 NVMOP2 NVMOP1 NVMOP0 0000(1) NVMKEY 0766 — — — — — — — — NVMKEY7 NVMKEY6 NVMKEY5 NVMKEY4 NVMKEY3 NVMKEY2 NVMKEY1 NVMKEY0 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Reset value shown is for POR only. Value on other Reset states is dependent on the state of memory write or erase operations at the time of Reset. TABLE 4-21: PMD REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets PMD1 0770 — — T3MD T2MD T1MD — — — I2C1MD —U1MD — SPI1MD — —ADC1MD 0000 PMD2 0772 — — — — — — —IC1MD — — — — — — —OC1MD 0000 PMD3 0774 — — — — — CMPMD — — — — — — — — — — 0000 PMD4 0776 — — — — — — — — — — — — REFOMD CTMUMD HLVDMD — 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |