| データシートサーチシステム |
|
PIC24F04KA201 データシート(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 データシート(HTML) 73 Page - Microchip Technology |
|
73 / 224 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39937B-page 71 PIC24F04KA201 FAMILY REGISTER 7-12: IPC1: INTERRUPT PRIORITY CONTROL REGISTER 1 U-0 R/W-1 R/W-0 R/W-0 U-0 U-0 U-0 U-0 — T2IP2 T2IP1 T2IP0 — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 Unimplemented: Read as ‘0’ bit 14-12 T2IP<2:0>: Timer2 Interrupt Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled bit 11-0 Unimplemented: Read as ‘0’ |