| データシートサーチシステム |
|
PIC16F616-E/ML データシート(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/ML データシート(HTML) 82 Page - Microchip Technology |
|
82 / 214 page ![]() PIC16F610/616/16HV610/616 DS41288F-page 82 © 2009 Microchip Technology Inc. FIGURE 9-4: ANALOG INPUT MODEL FIGURE 9-5: ADC TRANSFER FUNCTION CPIN VA Rs ANx 5 pF VDD VT = 0.6V VT = 0.6V I LEAKAGE RIC ≤ 1k Sampling Switch SS Rss CHOLD = 10 pF VSS/VREF- 6V Sampling Switch 5V 4V 3V 2V 567 8 9 10 11 (k Ω) VDD ± 500 nA Legend: CPIN VT I LEAKAGE RIC SS CHOLD = Input Capacitance = Threshold Voltage = Leakage current at the pin due to = Interconnect Resistance = Sampling Switch = Sample/Hold Capacitance various junctions RSS 3FFh 3FEh 3FDh 3FCh 004h 003h 002h 001h 000h Full-Scale 3FBh 1 LSB ideal VSS/VREF- Zero-Scale Transition VDD/VREF+ Transition 1 LSB ideal Full-Scale Range Analog Input Voltage |