| データシートサーチシステム |
|
PIC16F616-E/ML データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/ML データシート(HTML) 11 Page - Microchip Technology |
|
11 / 214 page ![]() © 2009 Microchip Technology Inc. DS41288F-page 11 PIC16F610/616/16HV610/616 TABLE 1-1: PIC16F610/16HV610 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/C1IN+/ICSPDAT RA0 TTL CMOS PORTA I/O with prog. pull-up and interrupt-on-change C1IN+ AN — Comparator C1 non-inverting input ICSPDAT ST CMOS Serial Programming Data I/O RA1/C12IN0-/ICSPCLK RA1 TTL CMOS PORTA I/O with prog. pull-up and interrupt-on-change C12IN0- AN — Comparators C1 and C2 inverting input ICSPCLK ST — Serial Programming Clock RA2/T0CKI/INT/C1OUT RA2 ST CMOS PORTA I/O with prog. pull-up and interrupt-on-change T0CKI ST — Timer0 clock input INT ST — External Interrupt C1OUT — CMOS Comparator C1 output RA3/MCLR/VPP RA3 TTL — PORTA input with interrupt-on-change MCLR ST — Master Clear w/internal pull-up VPP HV — Programming voltage RA4/T1G/OSC2/CLKOUT RA4 TTL CMOS PORTA I/O with prog. pull-up and interrupt-on-change T1G ST — Timer1 gate (count enable) OSC2 — XTAL Crystal/Resonator CLKOUT — CMOS FOSC/4 output RA5/T1CKI/OSC1/CLKIN RA5 TTL CMOS PORTA I/O with prog. pull-up and interrupt-on-change T1CKI ST — Timer1 clock input OSC1 XTAL — Crystal/Resonator CLKIN ST — External clock input/RC oscillator connection RC0/C2IN+ RC0 TTL CMOS PORTC I/O C2IN+ AN — Comparator C2 non-inverting input RC1/C12IN1- RC1 TTL CMOS PORTC I/O C12IN1- AN — Comparators C1 and C2 inverting input RC2/C12IN2- RC2 TTL CMOS PORTC I/O C12IN2- AN — Comparators C1 and C2 inverting input RC3/C12IN3- RC3 TTL CMOS PORTC I/O C12IN3- AN — Comparators C1 and C2 inverting input RC4/C2OUT RC4 TTL CMOS PORTC I/O C2OUT — CMOS Comparator C2 output RC5 RC5 TTL CMOS PORTC I/O VDD VDD Power — Positive supply VSS VSS Power — Ground reference Legend: AN = Analog input or output CMOS = CMOS compatible input or output HV = High Voltage ST = Schmitt Trigger input with CMOS levels TTL = TTL compatible input XTAL = Crystal |