データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F616-E/ML データシート(PDF) 197 Page - Microchip Technology

部品番号 PIC16F616-E/ML
部品情報  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/ML データシート(HTML) 197 Page - Microchip Technology

Back Button PIC16F616-E/ML Datasheet HTML 193Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 194Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 195Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 196Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 197Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 198Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 199Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 200Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 197
PIC16F610/616/16HV610/616
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC® device marking beyond this, certain price adders apply. Please check with your
Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F616
0610017
14-Lead SOIC (.150”)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F616-E
0610017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
XXXX/ST
0610
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXX
16-Lead QFN
XXXXXXX
YYWWNNN
16F616
Example
-I/ML
0610017
-I/P
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More